Part Number Hot Search : 
2N6507G 1J101 64M16 SCD32 CXA3188N ACD2203 3017220 14D112KJ
Product Description
Full Text Search
 

To Download AS8FLC1M32BQT-90IT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AUSTIN SEMICONDUCTOR, INC. Austin Semiconductor, Inc. Hermetic, Multi-Chip Module (MCM)
32Mb, 1M x 32, 3.0Volt Boot Block FLASH Array Available via Applicable Specifications:
* MIL-PRF-38534, Class H
I/O0 I/O1 I/02 I/O3 I/O4 I/O5 I/O6 I/O7 GND I/O8 I/O9 I/O10 I/O11 I/012 I/O13 I/O14 I/O15
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38
AS8FLC1M32
FLASH
FIGURE 1: PIN ASSIGNMENT (Top View)
RESET\ A0 A1 A2 A3 A4 A5 CS3\ GND CS4\ WE1\ A6 A7 A8 A9 A10 VCC
09 08 07 06 05 04 03 02 01 68 67 66 65 64 63 62 61
60 59 78 57 76 55 54 53 52 51 50 49
FEATURES
* * * * * * * * * * * * * * 32Mb device, total density, organized as 1M x 32 Bottom Boot Block (Sector) Architecture Operation with single 3.0V Supply Available in multiple Access time variations Individual byte control via individual byte selects (CSx\) Low Power CMOS Minimum 1,000,000 Program/Erase Cycles per sector guaranteed Sector Architecture: * One 16K byte, two 8K byte, one 32K byte and fifteen 64Kbyte sectors Any combination of sectors can be concurrently erased MCM supports full array (multi-chip) Erase Embedded Erase and Program Algorithms Erase Suspend/Resume; Supports reading data from or programming data to a sector not being Erased TTL Compatible Inputs and Outputs Military and Industrial operating temperature ranges
[Package Designator QT]
48 47 46 45 44
I/O16 I/O17 I/O18 I/O19 I/O20 I/O21 I/O22 I/O23 GND I/O24 I/O25 I/O26 I/O27 I/O28 I/O29 I/O30 I/O31
39
40
41
42
I/O8 I/O9 I/O10 A14 A16 A11 A0 A18 I/O0 I/O1 I/O2
VCC A11 A12 A13 A14 A15 A16 CS1\ OE\ CS2\ A17 WE2\ WE3\ WE4\ A18 A19 NC
Pin Assignment
(Top View) Reset\ CS2\ GND I/O11 A10 A9 A15 VCC CS1\ A19 I/O3 I/O15 I/O14 I/O13 I/O12 OE\ A17 WE\ I/O7 I/O6 I/O5 I/O4 I/O24 I/O25 I/O26 A7 A12 VCC CS4\ NC I/O27 A4 A5 A6 NC CS3\ GND I/O19 I/O31 I/O30 I/O29 I/O28 A1 A2 A3 I/O23 I/O22 I/O21 I/O20
66 HIP
NC A13 A8 I/O16 I/O17 I/O18
OPTION
Access Speed 70ns 90ns 100ns 120ns Package Ceramic Quad Flat Pack Ceramic Hex Inline Pack
MARKING
-70 -90 -100 -120
[Package Designator P H]
GENERAL DESCRIPTION
The Austin Semiconductor, Inc. AS8FLC1M32B is a 32Mb FLASH Multi-Chip Module organized as 1M x 32 bits. The module achieves high speed access, low power consumption and high reliability by employing advanced CMOS memory technology. The military grade product is manufactured in compliance to the MIL-PRF-38534 specifications, making the AS8FLC1M32B ideally suited for military or space applications. The module is offered in a 68-lead 0.990 inch square ceramic quad flat pack or 66-lead 1.185inch square ceramic Hex In-line Package (HIP). The CQFP package design is targeted for those applications, which require low profile SMT Packaging.
Q P
Temperature Range Full Mil (MIL-PRF-38534, Class H) /Q Military Temp (-55oC to +125oC) /XT Industrial (-40oC to +85oC) /IT
For more products and information please visit our web site at www.austinsemiconductor.com
AS8FLC1M32B Rev. 3.3 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
43
AUSTIN SEMICONDUCTOR, INC. Austin Semiconductor, Inc.
BLOCK DIAGRAM
68-Ld. CQFP, Package "QT" WE1\ CS1\ RESET\ OE\ A0-Ax WE2\ CS2\ WE3\ CS3\ WE4\ CS4\
AS8FLC1M32
FLASH
before executing the erase operation. During erasure, the device automatically times the erase pulse widths and verifies proper cell margin. The host system can detect whether a program or erase operation is complete by observing the RY/BY\ pin, or by reading the DQ7 (Data\ Polling) and DQ6 (toggle) STATUS BITS. After a program or erase cycle has been completed, the device is ready to read array data or accept another command. The SECTOR ERASE ARCHITECTURE allows memory sectors to be erased and reprogrammed without affecting the data contents of other sectors. The device is fully erased when shipped from ASI. Hardware data protection measures include a low VCC detector that automatically inhibits WRITE operations during power transitions. The hardware sector protection features disables both program and erase operation in any combination of the sectors of memory. This can be achieved in-system or via specially adapted commercial programming equipment. The ERASE SUSPEND feature enables the user to put erase on hold for any period of time to read data from, or program data to, any sector which is not selected for erasure. True BACKGROUND ERASE can thus be achieved. The HARDWARE RESET\ PIN terminates any operation in progress and resets the internal state machine to a READ operation. The RESET\ pin may be tied to the system reset circuitry.
1M x 8
1M x 8
1M x 8
1M x 8
I/O0-7
I/O8-15
I/O16-23
I/O24-31
BLOCK DIAGRAM
P 66-Ld. HIP, Package "H"
CS1\ WE\ RESET\ OE\ A0-Ax CS2\ CS3\ CS4\
1M x 8
1M x 8
1M x 8
1M x 8
I/O0-7
I/O8-15
I/O16-23
I/O24-31
The device requires only a single 3.3volt power supply for both READ and WRITE operations. Internally generated and regulated voltages are provided for the program and erase functions. The device is entirely command set compatible with the JEDEC SINGLE POWER FASH STANDARD. Commands are written to the command register using standard microprocessor write timings. Register contents serve as input to an internal state-machine that controls the erase and programming circuitry. Write cycles also internally latch addresses and data required for the programming or erase function(s). Reading data out of the array is similar to reading from other electrically programmable devices. Device programming occurs by executing the program command sequence. This initiates the EMBEDDED PROGRAM algorithm that automatically times the WRITE PULSE widths and cycle and verifies each cell for proper cell margins. The UNLOCK BYPASS mode facilitates faster programming times by requiring only two WRITE cycles to program data instead of four. Device erasure occurs by executing the erase command sequence. This initiates the Embedded Erase algorithm, an internal algorithm that automatically pre-programs the array
AS8FLC1M32B Rev. 3.3 05/08
LOGIC DIAGRAM (Byte)
VCC GND DQ (byte)
RY/BY\ RESET\
State Control Command Register Erase Voltage Generator PGM Voltage Generator Chip Enable Output Enable Logic Sector Switches Address Latch Y-Decoder
I/O Buffers
WEx\
Data Latch
CSx\ OE\
Y-Gating
VCC Detector
Timer
X-Decoder
Cell Matrix
A0-Ax
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
2
AUSTIN SEMICONDUCTOR, INC. Austin Semiconductor, Inc.
A system reset would then also reset the FLASH device, enabling the system microprocessor to read the boot-up firmware from the FLASH memory array. The device offers two power-saving features. When addresses have been stable for a specified amount of time, the device enters the AUTOMATIC SLEEP MODE. The system can also place the device into the STANDBY mode. Power consumption is greatly reduced in both these modes.
AS8FLC1M32
FLASH
the power transition. No command is necessary in this mode to obtain array data. Standard microprocessor read cycles that assert valid data on the device address inputs produce valid data on the data outputs. The device remains enabled for read access until the command register contents are altered. See READING ARRAY DATA for more information. Refer to AC Read Operations table data for timing specifications relevant to this operational mode.
Device Bus Operations
This section describes the use of the command register for setting and controlling the bus operations. The command register itself does not occupy any addressable memory locations. The register is composed of a series of latches that store the commands, addresses and data information needed to execute the indicated command. The contents of the register serve as the input to the internal state machine. The state machine output dictates the function of the device. Table 1 lists the device bus operations, the inputs and control/stimulus levels they require, and the resulting output. The following subsections describe each of these operations in further detail.
Writing Commands/Command Sequences
To WRITE a command or command sequence, the system must drive CSx\, WEx\ to VIL and OE\ to VIH. An ERASE command operation can erase one sector, multiple sectors, or the entire array. Table 2 indicates the address space contained within each sector within the array. A sector address consists of the address bits required to uniquely select a sector. The "Command Definitions" section has details on erasure of a single, multiple sectors, the entire array or suspending/ resuming the erase operation. After the system writes the autoselect command sequence, the device enters the autoselect mode. The system can then read autoselect codes from the internal register (which is separate from the memory array) on each of the Data input/ output bits within each byte of the MCM FLASH array. Standard read cycle timings apply in this mode. Refer to the Autoselect Mode and Autoselect Command Sequence sections for more information. ICC2 in the DC Characteristics table represents that active current specification for the WRITE mode. The AC Characteristics section contains timing specifications for Write Operations.
WE4\ OE\ Operation Addresses Data Bus [DQ0-DQx] D0-D7 Out D8-D15 Out D16-D23 Out D24-D31 Out D0-D31 Out D0-D7 In D8-D15 In D16-D23 In D24-D31 In D0-D31 In
Requirements for Reading Array Data
To read array data from the outputs, the system must drive the CSx\ and OE\ pins to VIL. Chip Select CSx\ is the power and chip select control of the byte or bytes targeted by the system (user). Output Enable [OE\] is the output control and gates array data to the output pins. Write (byte) Enables [WEx\] should remain at VIH levels. The internal state machine is set for reading array data upon device power-up, or after a HARDWARE RESET. This ensures that no spurious alteration of the memory content occurs during
Table 1
RESET\ H CS1\ L H H H L L H H H L
VCC+/-0.3V
H
CS2\ H L H H L H L H H L
VCC+/-0.3V
CS3\ H H L H L H H L H L
VCC+/-0.3V
CS4\ H H H L L H H H L L
VCC+/-0.3V
WE1\
WE2\
WE3\
H
H
H
H
L
READ
A0-Ax In
VCC+/-0.3V
X L VID VID VID Legend
L X L L X
L X L L X
L X L L X
L X L L X
L H H H L X H X L L X
H L H H L X H X L L X
H H L H L X H X L L X
H H H L L X H X L L X
H
WRITE
A0-Ax In
X H X H H X
Standby Output Disable Reset Sector Protect Sector Un-Protect Temporary Sector Un-Protect
X X X Sector Address, A6=L, A1=H, A0=L Sector Address, A6=H, A1=H, A0=L A-In
D-In, D-Out D-In, D-Out D-In
L= Logic Low=VIL, H= Logic High=VIH, VID= 12.0+/-0.5V, X= Don't Care, Ain=Address In, Dout=Data Out
Notes (*)
AS8FLC1M32B Rev. 3.3 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
AUSTIN SEMICONDUCTOR, INC. Austin Semiconductor, Inc.
Table 2
Sector SA0 SA1 SA2 SA3 SA4 SA5 SA6 SA7 SA8 SA9 SA10 SA11 SA12 SA13 SA14 SA15 SA16 SA17 SA18 A19 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 A18 0 0 0 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 A17 0 0 0 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 A16 0 0 0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 A15 0 0 0 1 X X X X X X X X X X X X X X X A14 0 1 1 X X X X X X X X X X X X X X X X A13 X 0 1 X X X X X X X X X X X X X X X X
AS8FLC1M32
Sector Size (Kbytes) 16 8 8 32 64 64 64 64 64 64 64 64 64 64 64 64 64 64 64
FLASH
Program and Erase Operation Status
During an ERASE or PROGRAM operation, the system may check the status of the operation by reading the status bits on each of the seven data I/O bits within each byte of the MCM FLASH array. Standard READ cycle timings and ICC read specifications apply. Refer to "Write Operation Status" for more information, and to "AC Characteristics" for timing specifications.
The AUTOMATIC SLEEP mode is independent of the CSx\, WEx\ and OE\ control signals. Standard address access timings provide new data when addresses are changed. While in sleep mode, output data is latched and always available to the system. ICC5 in the "DC Characteristics Table represents the AUTOMATIC SLEEP mode current usage.
RESET\: Hardware Reset Pin
The RESET\ pin provides a hardware method of resetting the device to reading array data. When the RESET\ pin is driven low for at least a period of tRP, the device immediately terminates any operation in progress, tristates all output pins, and ignores all READ/WRITE commands for the duration of the RESET\ pulse. The device also resets the internal state machine to reading array data. The operation that was interrupted should be reinitiated once the device is ready to accept another command sequence, to ensure data integrity. Current is reduced for the duration of the RESET\ pulse. When RESET\ is held at VSS+/-0.3v, the device draws CMOS STANDBY current (ICC4). If RESET\ is held at VIL but not within the limits of VCC +/- 0.3v, the MCM Array will be in STANDBY, but current limits will be higher than those listed under ICC4. The RESET\ pin may be tied to the system reset circuitry. A system reset would thus also reset the FLASH array, enabling the system to read the boot-up firmware code from the boot block area of the memory.
Standby Mode
When the system is not READING or WRITING to the device, it can place the device in the standby mode to save on power consumption. The device enters the CMOS STANDBY mode when the CSx\ and RESET\ pins are held at VCC+/-0.3v. If CSx\ and RESET\ are held at VIH, but not within VCC+/-0.3v, the device will be in STANDBY mode but at levels higher than achievable in full CMOS STANDBY. The device requires standard access time (tCE) for read access when the device is in either of these STANDBY modes, before it is ready to READ data. If the device is deselected during ERASURE or PROGRAMMING, the device draws active current until the operation is completed. In the DC Characteristics table, ICC3 and ICC4 represent the STANDBY MODE currents.
Automatic Sleep Mode
The AUTOMATIC SLEEP mode minimizes FLASH device energy consumption. The device automatically enables this mode when addresses remain stable for tACC + 30ns.
AS8FLC1M32B Rev. 3.3 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
AUSTIN SEMICONDUCTOR, INC. Austin Semiconductor, Inc.
If RESET\ is asserted during a PROGRAM or ERASE operation, the RY/BY\ pin remains a "0" (busy) until the internal reset operation is complete, which requires a time of tREADY. The system can thus monitor RY/BY\ to determine whether the RESET operation is complete. If RESET\ is asserted when a
AS8FLC1M32
FLASH
Bottom Boot Sector Address Table
12.5v) on address pin A9. Address pins A6, A1, and A0 must be as shown in the Autoselect Table below. In addtion, when verifying sector protection, the sector address must appear on the appropriate highest order address bits. When all necessary bits have been set as required, the programming equipment may then read the corresponding identifier code on the appropriate Byte DQ's. To access the autoselect codes in-system, the host system can issue the autoselect command via the command register.
Autoselect Code Table
PROGRAM or ERASE operation is not executing (RY/BY\ pin is "1"), the RESET operation is completed within a time of tREADY. The system can read data tRH after the RESET\ pin returns to VIH. Refer to the "AC Characteristics" tables for RESET\ parameters.
Sector Protect Algorithm Flow
START PLSCNT = 1 RESET# = VID T
Output Disable Mode
When the OE\ input is at VIH, output from the device is disabled. The output pins are placed in the high Impedance State. Autoselect Mode The autoselect mode provides manufacturer and device identification, and sector protection verification through identifier codes output via the appropriate Byte DQ's. This mode is primarily intended for programming equipment to automatically match a device to be programmed with its corresponding programming algorithm. However, the autoselect codes can also be accessed in-system through the command register. When using programming equipment (modified to support multi-byte devices, or supplied from the programming equipment provider as such), the autoselect mode requires VID (11.5v to
No
Wait 1 ms
Temporary Sector Unprotect Mode
First Write Cycle = 60h? Yes Set up sector address Sector Protect: Write 60h to sector address with A6 = 0, A1 = 1, A0 = 0 Wait 150 s Verify Sector Protect: Write 40h to sector address with A6 = 0, A1 = 1, A0 = 0 Read from sector address with A6 = 0, A1 = 1, A0 = 0
Increment PLSCNT
Reset PLSCNT = 1
No No PLSCNT = 25? Yes Data = 01h?
Yes
Yes Device failed Protect another sector? No Remove VID from RESET#
Write reset command
Sector Protect Algorithm
Sector Protect complete
Description Manufacturers ID
CS1\ L X H H L H H H L H H H L H H H
Device ID
Sector Protection Verification
CS2\ H L H H H L H H H L H H H L H H
CS3\ H H L H H H L H H H L H H H L H
CS4\ H H H L H H H L H H H L H H H L
OEX\ L L L L L L L L L L L L L L L L
WEx\ H H H H H H H H H H H H H H H H
A19 to A13 X X X X X X X X SA SA SA SA SA SA SA SA
A12 to A10 X X X X X X X X X X X X X X X X
A9 VID VID VID VID VID VID VID VID VID VID VID VID VID VID VID VID
A8 to A7 X X X X X X X X X X X X X X X X
A6 L L L L L L L L L L L L L L L L
A5 to A2 X X X X X X X X X X X X X X X X
A1 L L L L L L L L H H H H H H H H L L L L H H H H L L L L L L L L
A0
DQx [Output] DQ0-7 [01h] DQ8-15 [01h] DQ16-23 [01h] DQ24-31 [01h] DQ0-7 [5Bh] DQ8-15 [5Bh] DQ16-23 [5Bh] DQ24-31 [5Bh] DQ0-7 [01h] Protected DQ8-15 [01h] Protected DQ16-23 [01h] Protected DQ24-31 [01h] Protected DQ0-7 [00h] Un-Protected DQ8-15 [00h] Un- Protected DQ16-23 [00h]Un-Protected DQ24-31 [00h] Un-Protected
AS8FLC1M32B Rev. 3.3 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
AUSTIN SEMICONDUCTOR, INC. Austin Semiconductor, Inc.
Sector Un-Protect Algorithm Flow
START Protect all sectors: The indicated portion of the sector protect algorithm must be performed for all unprotected sectors prior to issuing the first sector unprotect address PLSCNT = 1 RESET# = VID Wait 1 ms
AS8FLC1M32
FLASH
First Write Cycle = 60h? Yes No All sectors protected? Yes Set up first sector address
No
Temporary Sector Unprotect Mode
Sector Unprotect: Write 60h to sector address with A6 = 1, A1 = 1, A0 = 0 Wait 15 ms Verify Sector Unprotect: Write 40h to sector address with A6 = 1, A1 = 1, A0 = 0 Read from sector address with A6 = 1, A1 = 1, A0 = 0 Set up next sector address
Increment PLSCNT
No No
PLSCNT = 1000? Yes
Data = 00h? Yes
Device failed
Last sector verified? Yes
No
Sector Unprotect Algorithm
Remove VID from RESET#
Write reset command Sector Unprotect complete
AS8FLC1M32B Rev. 3.3 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
6
AUSTIN SEMICONDUCTOR, INC. Austin Semiconductor, Inc.
Temporary Sector Unprotect
This feature allows temporary un-protection of previously protected sectors to change data in-system. Setting the RESET\ pin to VID activates the sector Unprotect mode. During this mode, formerly protected sectors can be programmed or erased by selecting the sector addresses. Once VID is removed from the RESET\ pin, all the previously protected sectors are protected again. The diagram below depicts the algorithm flow for this operation.
AS8FLC1M32
FLASH
Write Pulse "GLITCH" Protection
Noise pulses of less than 5ns (typical) on OE\, CSx\ or WEx\ do not initiate a WRITE cycle.
Logical Inhibit
WRITE cycles are inhibited by holding any one of OE\=VIL, CSx\=VIH or WEx\=VIH. To initiate a WRITE cycle, CSx\ and WEx\ must be a logical zero while OE\ is a logical one.
Power-Up WRITE Inhibit
Temporary Sector Unprotect Diagram
Start
If WEx\=CSx\=VIL and OE\=VIH during power-up, the device does not accept commands on the rising edge of WEx\. The internal state machine is automatically reset to READING array data on power-up.
RESET\ = VID (Note 1)
Command Definitions
Writing specific address and data commands or sequences into the command register initiates device operations. The COMMAND REGISTER TABLE defines the valid register command sequences for this device Module. WRITING incorrect address and data values or WRITING them in the improper sequence resets the device to READING array data. All addresses are latched on the falling edge of WEx\ or CSx\, whichever happens later. All data is latched on the rising edge of WEx\ or CSx\, whichever happens first. Refer to the AC timing references for correct timings of the appropriate signals.
Perform Erase or Program Operations
RESET\ = VIH
Temporary Sector Unprotect Completed (Note 2)
Reading Array Data
NOTES: 1. All protected sectors unprotected 2. All previously protected sectors are protected once again
The device is automatically set to READING Array data after device power-up. No commands are required to retrieve data. The device is also ready to READ data after completing an Embedded Program or Embedded Erase operation. After the device accepts an ERASE Suspend command, the device enters the ERASE Suspend Mode. The system can read array data using the standard READ timings, except that if it READS at an address within Erase-Suspended sectors, the device outputs status data. After completing a programming operation in the Erase Suspend Mode, the system may once again READ array data with the same exception. The system must issue the reset command to re-enable the device for reading array data if DQ5, DQ13, DQ21 and DQ29 goes high, or while in the autoselect mode.
Hardware Data Protection
The command sequence requirements of UNLOCK cycles for PROGRAMMING or ERASING provides data protection against inadvertent WRITES. In addition, the following hardware data protection measures prevent accidental ERASURE or PROGRAMMING, which might otherwise be caused by spurious system level signals during VCC powerup and power-down transitions, or from system noise.
Low VCC WRITE Inhibit
When VCC is less than VLKO, the device does not accept any WRITE cycles. This protects data during VCC power-up and power-down. The system must provide the proper signals to the control pins to prevent unintentional WRITES when VCC is greater than VLKO.
AS8FLC1M32B Rev. 3.3 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
7
AUSTIN SEMICONDUCTOR, INC. Austin Semiconductor, Inc.
Reset Command
WRITING the reset command to the device resets the device to reading array data. Address bits are don't care for this command. The RESET command may be WRITTEN between the sequence cycles in an ERASE command sequence before ERASING begins. This resets the device to READING array data. Once ERASURE begins, the device ignores RESET command requests until the first initiation of the operation has completed. The RESET command may be WRITTEN between the sequence cycles in a program command sequence and before programming begins. This RESETS the device to READING Array data. Once programming begins, the device ignores additional RESET command requests until the current operation has completed. The RESET command may be written between the sequence cycles in an Autoselect command sequence. Once in the Autoselect Mode, the reset command must be WRITTEN to return to READING Array data.
AS8FLC1M32
FLASH
When the Embedded Program algorithm is complete, the device then returns to READING array data and addresses are no longer latched. The system can determine the status of the program operation by using DQ31, DQ30, DQ23, DQ22, DQ15. DQ14, DQ7, DQ6, or RY/BY\. Any commands WRITTEN to the device during the Embedded Program algorithm are ignored. Note that a HARDWARE RESET immediately terminates the programming operation. The Byte Program command sequence should be reinitiated once the device has reset to READING Array data, to ensure data integrity. PROGRAMMING is allowed in any sequence and across Sector Boundaries. A bit cannot be PROGRAMMED from a "0" back to a "1", this can only be accomplished via an ERASE operation.
Unlock Bypass Command Sequence
The UNLOCK BYPASS feature allows the system to program bytes or words to the device faster than using the standard program command sequence. The UNLOCK BYPASS command sequence is initiated by first WRITING two UNLOCK cycles. This is followed by a third WRITE cycle containing the UNLOCK BYPASS command, 20h. The device then enters the UNLOCK BYPASS mode. A two-cycle UNLOCK BYPASS command operation is all that is required to PROGRAM in this mode. The first cycle in this sequence contains the UNLOCK BYPASS program command, A0h; the second cycle contains the program address and data. Additional data is PROGRAMMED in the same manner. This mode dispenses with the initial two UNLOCK cycles required in the standard PROGRAM command sequence. The first cycle must contain the data 90h; the second cycle the data 00h. Addresses are don't care fore both cycles. The device then returns to READING Array data.
Autoselect Command Sequence
The Autoselect command sequence allows the host system to access the manufacturer and device codes, allowing the user determination as to whether or not a Sector is protected. This method is an alternative to DEVICE PROGRAMMERS but requires VID on Address bit 9 (A9). The Autoselect command sequence is initiated by WRITING two UNLOCK cycles, followed by the AUTOSELECT COMMAMD. The device then enters the AUTOSELECT mode, and the system may read at any address, any number of times, without initiating another command. A READ cycle at Address XX00h retrieves the manufacturer code. A READ cycle at Address XX01h returns the device code. A READ cycle containing a Sector Address (SA) and the address 02h returns 01h if that sector is protected, or 00h if it is un-protected.
Chip Erase Command Sequence
CHIP ERASE is a six-bus cycle operation. The CHIP ERASE command sequence is initiated by writing two unlock cycles, followed by a set-up command. Two additional UNLOCK WRITE cycles are then followed by the chip ERASE command, which in turn invokes the Embedded ERASE algorithm. The device does not require the system to PRE-PROGRAM prior to ERASE. The Embedded ERASE algorithm automatically PREPROGRAMS and VERIFIES the entire Array for an all Zero data pattern prior to electrical ERASE. The system is not required to provide any controls or timing during these operations. Any commands WRITTEN to the chip during the Embedded ERASE operation are ignored. Note that a HARDWARE RESET
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
Byte Program Command Sequence
Programming is a four-bus-cycle operation. The program command sequence is initiated by writing two unlock WRITE cycles, followed by the PROGRAM set-up command. The program address and data are WRITTEN next, which in turn initiates the Embedded Program algorithm. The system is not required to provide further controls or timings. The device automatically provides internally generated PROGRAM pulses and verifies the programmed cell margin.
AS8FLC1M32B Rev. 3.3 05/08
8
AUSTIN SEMICONDUCTOR, INC. Austin Semiconductor, Inc.
Any commands WRITTEN to the chip during the Embedded ERASE operation are ignored. Note that a HARDWARE RESET during the chip erase operation immediately terminates the operation. The CHIP ERASE command sequence should be reinitiated once the device has returned to READING Array data, to ensure data integrity. The system can determine the status of the erase operation by using byte data from each of the four bytes or the RY/BY\ pin. When the Embedded ERASE Algorithm is complete, the device returns to READING Array data and Addresses are no longer latched.
AS8FLC1M32
FLASH
When the Embedded Erase Algorithm is complete, the device returns to READING Array data and addresses are no longer latched. The system can determine the status of the ERASE operation by using DQ2, DQ6, and DQ7 of Byte 1; DQ10, DQ14 and DQ15 of Byte 2; DQ18, DQ22 and DQ23 of Byte 3 as well as DQ26, DQ30 and DQ31 of Byte 4. In addition to the Data IO indicators, the system/user my monitor RY/BY\ for the status of the operation.
Erase Suspend/Erase Resume Commands
The ERASE SUSPEND command allows the system to interrupt a SECTOR ERASE operation and then READ data from, or PROGRAM data to, any sector not selected for ERASURE. This command is valid only during the SECTOR ERASE command sequence. The ERASE SUSPEND command is ignored if WRITTEN during the CHIP ERASE operation or Embedded Program algorithm. WRITING the ERASE SUSPEND command during the SECTOR ERASE time-out immediately terminates the time-out period and SUSPENDS the ERASE operation. Addresses are "don't-cares" when WRITING the ERASE SUSPEND command. When the ERASE command is WRITTEN during a SECTOR ERASE operation, the device requires a maximum of 20us to SUSPEND the ERASE operation. However, when the ERASE SUSPEND command is WRITTEN during the SECTOR ERASE time-out, the device immediately terminates the time-out period and SUSPENDS the ERASE operation. After the ERASE operation has been SUSPENDED, the system can READ Array data from or PROGRAM data to any sector not selected for ERASURE. Normal READ and WRITE timings and command definitions apply. READING at any Address within ERASE-SUSPENDED sectors produces status data on three DQ pins within each Byte. DQ2, DQ6, and DQ7 of Byte 1; DQ10, DQ14 and DQ15 of Byte 2; DQ18, DQ22 and DQ23 of Byte 3 as well as DQ26, DQ30 and DQ31 of Byte 4 to determine if a sector is actively ERASING or is ERASE-SUSPENDED. After and ERASE-SUSPENDED program operation is complete, the system can once again READ from or WRITE to within non-suspended sectors. The system can determine the status of the PROGRAM operation using the DQ6, 7 bits of Byte 1; DQ14, 15 of Byte 2; DQ22, 23 of Byte 3 and DQ30, 31 of Byte 4; just as in the standard PROGRAM operation. The system may also write the auto select command sequence when the device is in the ERASE SUSPEND mode. The device allows READING autoselect codes even at addresses within
Sector Erase Command Sequence
SECTOR ERASE is a six-bus cycle operation. The SECTOR ERASE command sequence is initiated by WRITING two UNLOCK cycles, followed by a SET-UP command. Two additional UNLOCK WRITE cycles are then followed by the address of the sector to be ERASED, and the SECTOR ERASE command. The device does not require the system to PREPROGRAM the memory prior to ERASE. The Embedded ERASE Algorithm automatically PROGRAMS and verifies the sector for an all zero data pattern prior to electrical ERASE. The system is not required to provide any controls or timings during these operations. After the command sequence is WRITTEN, a SECTOR ERASE time-out of 50uS begins. During the time-out period, additional Sector Addresses and SECTOR ERASE commands may be WRITTEN. Loading the SECTOR ERASE buffer may be done in any sequence and the number of sectors may be from one sector to all sectors. The time between these additional cycles must be less than 50uS, otherwise the last address and command might not be accepted, and erasure may begin. It is recommended that processor interrupts be disabled during this time to ensure all commands are accepted. The interrupts can be re-enabled after the last SECTOR ERASE command is WRITTEN. If the time between additional SECTOR ERASE commands can be assumed to be less than 50uS, the system need not monitor DQ3, DQ11, DQ19 or DQ27 to determine if the SECTOR ERASE has timed out. The time-out begins from the rising edge of the final WEx\ pulse in the command sequence. Once the SECTOR ERASE operation has begun, only the ERASE SUSPEND command is valid. All other commands are ignored. Note that a HARDWARE RESET during the SECTOR ERASE operation immediately terminates the operation. The SECTOR ERASE command sequence should be reinitiated once
AS8FLC1M32B Rev. 3.3 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
9
AUSTIN SEMICONDUCTOR, INC. Austin Semiconductor, Inc.
ERASING sectors, since the codes are not stored in the memory Array. When the device exits the Autoselect mode, the device reverts to the ERASE SUSPEND mode, and is ready for another valid operation. The system must WRITE the ERASE RESUME command to exit the ERASE SUSPEND mode and continue the SECTOR ERASE operation. Further WRITES of the RESUME command are ignored. Another ERASE SUSPEND command can be WRITTEN after the device has resumed ERASING. Erase Operation Diagram
Start
NO NO
AS8FLC1M32
FLASH
Data\ Polling Algorithm Diagram
Start
READ Byte Data Address = VA
READ Byte Data Address = VA
DQ7, DQ15, YES DQ23, DQ31= Data?
DQ7, DQ15, YES DQ23, DQ31= Data?
Write ERASE Command Sequence
FAIL NO DQ5, DQ13, DQ21, DQ29=1? YES
PASS
Data Poll from System
NO
Data = FFh?
YES ERASURE Completed
Algorithm is complete, the device outputs the datum PROGRAMMED into each of these status bits. The system must provide the PROGRAM address to READ valid status information. If a PROGRAM address fails within a protected sector, Data\ Polling is active for approximately 1uS, then the device returns to reading array data. During the Embedded Erase Algorithm, Data\ Polling produces a "0" on the Data\ Polling Status bits. When the Embedded ERASE Algorithm is complete, or if the device enters the ERASE SUSPEND mode, Data\ Polling produces a "1" on each of the Data\ Polling status bits. This is analogous to the complement/ true data output described for the Embedded Program Algorithm: the ERASE function changes all the bits in a sector to "1"; prior to this, the device outputs the "compliment", or "0". The system must provide an address within any of the sectors selected for ERASURE to READ valid status information. After an ERASE Command sequence is WRITTEN, if all s4ctors selected for erasing are protected, Data\ Polling is active for approximately 100uS, then the device returns to READING array data. If not all selected sectors are protected, the Embedded ERASE Algorithm ERASES the unprotected sectors, and ignores the selected sectors that are protected. When the system detects a Data\ Polling status bit has changed from the complement to true data, it can READ valid data at each of the Bytes on the following READ cycles. This is because
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
Write Operation Status
The device provides several bits to determine the status of a write operation: DQ2, DQ3, DQ5, DQ6 and DQ7 of Byte 1; DQ10, DQ11, DQ13, DQ14 and DQ15 of Byte 2; DQ18, DQ19, DQ21, DQ22 and DQ23 of Byte 3; as well as, DQ26, DQ27, DQ29, DQ30 and DQ31 of Byte 4. In addition, the RY/BY\ pin is also used in the monitoring of this operation.
DQ7, DQ15, DQ23 and DQ31: Data\ Polling
The Data\ Polling bit per byte, indicates to the host system whether an Embedded Algorithm is in progress or completed, or whether the device is in ERASE SUSPEND. Data\ Polling is valid after the rising edge of the final WEx\ pulse in the PROGRAM or ERASE command sequence. During the Embedded Program Algorithm, the device outputs on DQ7 for Byte 1, DQ15 for Byte 2, DQ23 for Byte 3, and DQ31 for Byte 4, the complement of the datum programmed to each of these bits. This status also applies to the PROGRAMMING during ERASE SUSPEND. When the Embedded Program
AS8FLC1M32B Rev. 3.3 05/08
10
AUSTIN SEMICONDUCTOR, INC. Austin Semiconductor, Inc.
Command Definition Table
Command Sequence (Note 1) READ (Note 5) RESET (Note 6) Manufacturer ID Auto- Device ID, Btm. Boot Select Sector Protect Verify (Note 7) (Note 8) PROGRAM UNLOCK BYPASS UNLOCK B(Note 9) UNLOCK B(Note 10) CHIP ERASE SECTOR ERASE ERASE SUSPEND (Note 11) ERASE RESUME (Note 12) Legend: X = Don't Care RA = Address of the memory location to be READ RD = Data READ from location RA during READ Operation PA = Address of the memory location to be programmed. Addresses latched on the falling edge of WEx\ or CSx\ pulse, whichever occurs later PD = Data to be programmed at location PA. Data latches on the rising edge of WEx\ or CSx\ pulses, whichever occurs later SA = Address of the sector to be VERIFIED (in autoselect mode) or ERASED. Address bits A19-A13 uniquely select any sector
AS8FLC1M32
FLASH
Cycles
Bus Cycles (Notes 2-4) First Data Addr RA RD XXX F0 AAA AA AAA AA AAA AAA AAA XXX XXX AAA AAA XXX XXX AA AA AA A0 90 AA AA B0 30 Second Addr Data Third Addr Data Fourth Addr Data Fifth Addr Data Sixth Addr Data
1 1 4 4 4 4 3 2 2 6 6 1 1
555 555 555 555 555 PA PA 555 555
55 55 55 55 55 PD 00 55 55
AAA AAA AAA AAA AAA
90 90 90 A0 20
X00 X02 (SA) X04 PA
01 5B 00 01 PD
AAA AAA
80 80
AAA AAA
AA AA
555 555
55 55
AAA SA
10 30
Notes 1. See Table 1 for Valid Bus Operations 2 . All values in Hexadecimal 3 . Except when READING array or autoselect data, all bus cycles are WRITE Operations 4 . Address bits A19-A12 are don't cares for UNLOCK and Command cycles 5 . No UNLOCK or Command cycles required when READING array data 6 . The RESET command is required to return to READING array data when the device is in the AUTOSELECT mode, or if DQ5, DQ13, DQ21, DQ29 goes high (while the device is providing status data) 7 . The fourth cycle of the AUTOSELECT Command sequence is a READ Cycle. 8 . The data is 00h for an unprotected sector and 01h for a protected sector. 9 . The UNLOCK BYPASS Command is required prior to the UNLOCK BYPASS PROGRAM Command. 10 . The UNLOCK BYPASS RESET Command is required to return to READING array data when the device is in the UNLOCK BYPASS Mode 11 . The System may READ and PROGRAM in NON-ERASING sectors, or enter the autoselect mode, when int the ERASE SUSPEND Mode. The ERASE SUSPEND Command is valid only during a sector ERASE Operation 12 . The ERASE RESUME Command is valid only during the ERASE SUSPEND Mode.
*Data is for single byte. BYTE 1 = DQ0 - DQ7 BYTE 2 = DQ8 - DQ15 BYTE 3 = DQ16 - DQ23 BYTE 4 = DQ24 - DQ31
AS8FLC1M32B Rev. 3.3 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
11
AUSTIN SEMICONDUCTOR, INC. Austin Semiconductor, Inc.
DQ7, DQ15, DQ23 and DQ31 may change asynchronously with the 7 lower order bits within each Byte, while the OEx\ pins are asserted Low.
AS8FLC1M32
FLASH
If a program address falls within a protected sector, DQ6, 14, 22, and or DQ30 will toggle for approximately 1us after the PROGRAM command sequence is WRITTEN, then returns to READING Array data. DQ6, 14, 22, and or DQ30 also toggles during the ERASE SUSPEND program mode, stops toggling once the operation is complete. DQ2, DQ10, DQ18 and DQ26: Toggle Bit II The "Toggle Bit II" on each of the Bytes, when used with DQ6, 14, 22, and DQ30 indicates whether a particular sector is actively ERASING or whether that sector is ERASE-SUSPENDED. Toggle Bit II is valid after the rising edge of the final WEx\ pulse in the command sequence. DQ2, 10, 18 and or DQ26 toggles when the system READS at addresses within those sectors that have been selected for ERASURE, but does not indicate when a sector is being ERASED. DQ6, 14, 22 and DQ30 by comparison indicates that a device is actively ERASING or in ERASE SUSPEND, but cannot distinguish which sectors are selected for the operation, therefore both status bits are required for sector and mode information.
RY/BY\: Ready/Busy\
The RY/BY\ pin is a dedicated, open-drain output pin that indicates whether an Embedded Algorithm is in the progress or complete. The RY/BY\ status is valid after the rising edge of the final WEx\ pulse in the command sequence has terminated. Since the RY/BY\ is an open-drain output, the Byte Ready/ Busy pins are wire-or'd together, indicating the Ready/Busy status of the Four-Byte module. If the output is low (BUSY), the device is actively ERASING or PROGRAMMING. If the output is high (READY), the device is ready to READ array data, or is in the STANDBY mode.
DQ6, DQ14, DQ22 and DQ30: Toggle Bit 1
Toggle Bit 1 indicates whether an Embedded Program or Erase Algorithm is in progress, complete, or has entered the ERASE SUSPEND mode. Toggle Bit 1 may be read at any address and is valid after the rising edge of the final WEx\ pulse in the command sequence as well as during the sector ERASE timeout. During an Embedded Program or Erase Algorithm operation, successive READ cycles that access any address will cause this status indicator to toggle. When the operation is complete, the status bit will stop toggling. After an ERASE command sequence is WRITTEN, if all sectors selected for ERASING are protected, the toggle bit(s) will toggle for approximately 100uS, then will become steady state as the device returns to READING array data. If not all selected sectors are protected, the Embedded Erase Algorithm will cause ERASURE of unprotected sectors, ignoring the selected sectors that are protected. The System can use DQ2, DQ6 of Byte 1; DQ10, DQ14 of Byte 2; DQ18, DQ22 of Byte 3; DQ26, DQ30 of Byte 4 together to determine whether a sector is actively ERASING or is ERASE SUSPENDED. When the device is actively ERASING the DQ6 of Byte 1; DQ14 of Byte 2; DQ22 of Byte 3 and DQ30 of Byte 4 toggles and when the devices enters ERASE SUSPEND, the status bit returns to a steady state. However, the system must also use DQ2 of Byte 1; DQ10 of Byte 2, DQ18 of Byte 3 and DQ26 of Byte 4 to determine which sectors are ERASING or ERASE SUSPENDED in each of the Bytes contained in the Module. Alternatively DQ7, DQ15, DQ23 and DQ31 can be used (see DQ7, DQ15, DQ23, DQ31 Data\ Polling).
AS8FLC1M32B Rev. 3.3 05/08
Reading Toggle Bits I/II
Whenever the system initially begins READING toggle bit statuses, it must READ Byte data (ie...DQ0-7, DQ8-15, DQ1623 and or DQ24-31) at least twice in a row to determine whether a Toggle Bit is toggling. Typically, the system would note and store the value of the toggle bit after the first READ. After the second READ, the system would compare the new value of the Toggle Bit with the first. If the toggle bit is not toggling the device has completed the PROGRAM or ERASE operation. The system can READ array data on each Byte during the next READ cycle. If after the initial two READ cycles, the system determines that the toggle bit is still toggling, the system also should note whether the value of DQ5, 13, 21 and or DQ29 is High. If High, the system should then determine again whether the toggle bit(s) are again toggling, since the toggle bit may have indeed stop toggling just as DQ5, 13, 21 and or DQ29 went High. If the toggle bit is no longer toggling, the device has successfully completed the operation. If the toggle bit is still active (toggling), the device has not successfully completed the operation and the system must WRITE the RESET command to return to READING array data.
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
12
AUSTIN SEMICONDUCTOR, INC. Austin Semiconductor, Inc.
The remaining scenario is that the system initially determines that the toggle bit is toggling and DQ5, 13, 21, and or DQ29 has not gone High. The system may continue to monitor the toggle bit and DQ5, 13, 21, and or DQ29 through successive READ cycles, determining the status as described in the previous paragraph. Alternatively, it may choose to perform other system tasks. In this case, the system must start at the beginning of the Algorithm when it returns to determine the status of the operation. Toggle Bit Algorithm Diagram
Start
AS8FLC1M32
FLASH
DQ5,13,21,and or DQ29: Exceeding Timing Limits
DQ5, 13, 21, and or DQ29 indicates whether the PROGRAM or ERASE time has exceeded a specified internal pulse count limit. Under these conditions this will produce a logic level "1" High. This is a failure condition that indicates the PROGRAM or ERASE cycle was not successfully completed. The DQ5, 13, 21 and or DQ29 failure condition may appear if the system tries to PROGRAM a "1" to a location that was previously PROGRAMMED to a logic level "0" Low. Only an ERASE operation can change a logic level "0" back to a Logic Level "1". Under this condition, the device halts operation and when the operation has exceeded the timing limits, DQ5, 13, 21, and or DQ29 will produce a logic level "1". Under both of these conditions, the system must issue the RESET command to return to reading array data.
READ(#1) Byte Data from Byte1, 2, 3 and or 4
READ(#2) Byte Data from Byte1, 2, 3 and or 4
DQ3, 11, 19, and or DQ27: Sector Erase Timer
After WRITING a Sector Erase command sequence, the system may read this status bit or bits to determine whether or not an ERASE operation has begun. If additional sectors are selected for ERASURE, the entire time-out also applies after each additional Sector Erase command. When the time-out is complete, this status bit or bits changes from a logic level "0" to "1". The system may ignore this status bit if the system can guarantee that the time between additional Sector Erase command will always be less than 50us. After the Sector Erase command sequence is WRITTEN, the system should read the status on DQ7, 15, 23 and or DQ31 (Data\ Polling) or DQ6, 14, 22, and or DQ30 (Toggle Bit I) to ensure the device has accepted the command sequence. Then READ DQ3, 11, 19 and or DQ27, looking for this bit or bits to be a logic level "1". If this bit is a logic level "1", the internally controlled ERASE cycle has begun; all further commands are ignored until the ERASE operation is complete. If this bit is a logic level "0", the device will accept additional Sector Erase commands. To ensure the command has been accepted, the system software should check the status of DQ3, 11, 19 and or DQ27 prior to and following each subsequent Sector Erase command. If this bit or bits is a logic level "1" on the second status check, the last command might not have been accepted.
Toggle Bit = Toggle? YES
NO
NO
DQ5, 13, 21 and or DQ29 = "1" YES
READ(#1) Byte Data from Byte1, 2, 3 and or 4
READ(#2) Byte Data from Byte1, 2, 3 and or 4
Toggle Bit = Toggle? YES
NO
Operation Not Complete, WRITE RESET Command
PROGRAM/ ERASE Complete
AS8FLC1M32B Rev. 3.3 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
13
AUSTIN SEMICONDUCTOR, INC. Austin Semiconductor, Inc.
Pin Description/Assignment Table
Signal Name Address Symbol A0, A1, A2. A3, A4, A5, A6, A7 A8, A9, A10, A11 A12,A13,A14,A15 A16,A17,A18,A19 CS1\, CS2\ CS3\, CS4\ WE1\, WE2\ WE3\, WE4\ OE\ RESET\ VCC VSS Type Input Pin DEF/Package=QT 8, 7, 6, 5, 4, 3, 66, 65, 64, 63, 62, 28, 29,30,31,32, 33,37,41,42 34, 36, 2, 68 67, 38, 39, 40 35 9 61,27 1,52,18 10,11,12,13,14,15, 16,17,19,20,21,22, 23,24,25,26,60,59, 58,57,56,55,54,53, 51,50,49,48,47,46, 45,44 Symbol Pin DEF/Package=H A0, A1, A2. A3, 7, 60, 61, 62, 49, 50, A4, A5, A6, A7 51, 37, 41, 17, 16, 6, A8, A9, A10, A11 38, 40, 4, 18, 5, 28, A12,A13,A14,A15 8, 21 A16,A17,A18,A19 CS1\, CS2\ 20, 13, 53, 46 CS3\, CS4\ WE\ 29 OE\ RESET\ VCC VSS I/O0,I/O1,I/O2 I/O3,I/O4,I/O5 I/O6,I/O7,1/O8 I/O9,I/O10,I/O11 I/O12,I/O13,I/O14 I/O15,I/O16,I/O17 I/O18,I/O19,I/O20 I/O21,I/O22,I/O23 I/O24,I/O25,I/O26 I/O27,I/O28,I/O29 I/O30,I/O31 NC 27 12 19, 45 14, 54
AS8FLC1M32
Description Address Inputs
FLASH
Chip Selects Write Enables Output Enable Reset Power Supply Ground [Core] Data Input, Output
Input Input Input Input Input Input
Active Low True Chip Selects (Enables) Active Low True Write Enable(s) Active Low True Output Enable (x32) Active Low True Reset Power for Core and I/O Digital GND
No Connection
I/O0,I/O1,I/O2 Input/ Output I/O3,I/O4,I/O5 I/O6,I/O7,1/O8 I/O9,I/O10,I/O11 I/O12,I/O13,I/O14 I/O15,I/O16,I/O17 I/O18,I/O19,I/O20 I/O21,I/O22,I/O23 I/O24,I/O25,I/O26 I/O27,I/O28,I/O29 I/O30,I/O31 NC OPEN
9, 10, 11, 22, 33, 32, Data Input, Output 31, 30, 1, 2, 3, 15 26, 25, 24, 23, 42, 43 44, 55, 66, 65, 65, 63 34, 35, 36, 42, 43, 44, 55, 66, 65, 64, 63, 34, 35, 48, 59, 58, 57, 56
43
47, 52, 39
No internal connection
Absolute Maximum Ratings*
Absolute Maximum Ratings Parameter Symbol Min. -0.5 Voltage on VDD Pin (Note 1) VCC -0.5 Voltage on A9, OE\, VCNTL and RESET\ (Note 2) -0.5 Voltage on Input Pins VIN -0.5 Voltage on I/O Pins VIO Output Short Circuit Current ISC (Note 3) -65 Storage Temperature tSTG -40 Operating Temperatures /IT -55 [Screening Levels] /XT Max.
4 12.5 VCC+0.5 VDDQ+0.5 200 150 85 125
Test Conditions
Units
V V V V mA

C C C
Test Specifications Parameter -70/-90 -100/-120 Output Load 1 TTL Gate Output Load Capacitance, 30 100 CL (including Jig) 5 Input Rise and Fall Times 0.0-3.0 Input Pulse Levels Input timing measurement 1.5 reference levels Output timing measurement 1.5 reference levels
Units
pF ns V V V
1.
2.
3.
Minimum DC voltage on any Input or Input/Output pin is -0.5v. During voltage transitions, input or input/output pins may undershoot VSS to -2.0v for periods of up to 20ns. Minimum DC input/output voltage on pins A9, OE\, and RESET\ is-0.5v. During voltage transitions, A9, OE\, and RESET\ may undershoot VSS to -2.0v for periods of up to 20ns. Maximum DC input voltage on pin A9 is +12.5v which may overshoot to 14.0v for periods up to 20ns. No more than one output may be shorted to ground at a time. Duration of the short circuit should not be greater than one (1) second.
Test Set-Up
3.3v
Device Under Test CL 6.2K ohm
1N3064
*Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions greater than those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum conditions for any duration or segment of time may affect device reliability.
AS8FLC1M32B Rev. 3.3 05/08
1N3064
1N3064
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
14
AUSTIN SEMICONDUCTOR, INC. Austin Semiconductor, Inc.
DC Electrical Characteristics
Symbol ILI ILIT ILO ICC1 ICC2 ICC3 ICC4 ICC5 VIL VIH VID VOL VOH1 VOH2 VLKO Parameter Input Load Current A9 Input Load Current Output Leakage Current Vcc Active Read Current VCC Active Write Current VCC Standby Current VCC Standby Current During Reset Automatic Sleep Mode Input Low Voltage Input High Voltage Voltage for Autoselect and Temporary Sector Unprotect Output Low Voltage Ouput High Voltage Low VCC Lock-Out Voltage Test Conditions
Vin=Vss to Vcc, Vcc=Vcc MAX Vcc=Vcc Ma,; A9=12.5v VOUT=VSS to VCC, VCC=VCC MAX CE\=VIL, OE\=VIH CE\=VIL, OE\=VIH CE\, RESET\=VCC +/- 0.3V RESET\=VCC +/- 0.3v VIH=VCC +/- 0.3v, VIL=VSS +/- 0.3v
AS8FLC1M32
FLASH
Min
14Mhz 8Mhz
Max +/- 5.0 160.0 +/-5.0 120 70 140 150 150 150
Units uA uA uA mA mA mA uA uA uA V V V V V
Notes
1,2 1,2 2,3,5 2 2 2,4
-0.5 0.8 0.7xVCC VCC+0.3
VCC=3.3v IOL=4.0mA, VCC=VCC MIN IOH=-2.0mA, VCC=VCC MIN IOH=-100uA, VCC=VCC MIN
11.5 2.4 VCC-0.4 2.3
12.5 0.45
2.5
V
4
Notes: [1] [2] [3] [4] [5] The ICC current listed is typically less than 8mA/Mhz, with OE\ at VIH Maximum ICC specifications are tested with VCC=VCC MAX ICC active while Embedded Program or Embedded Erase Algorithm is in progress Automatic sleep mode enables the low power mode when addresses remain stable for tACC + 30ns Not 100% Tested
AS8FLC1M32B Rev. 3.3 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
15
AUSTIN SEMICONDUCTOR, INC. Austin Semiconductor, Inc.
AC Switching Characteristics
Parameter Hardware Reset RESET\ Low to READ or WRITE (Embedded Algorithms) RESET\ Low to READ or WRITE (Not Embedded) RESET\ Pulse Width RESET\ High time before READ RESET\ Low to Standby Mode RY/BY\ Recovery time Erase/Program Operations WRITE cycle time Address Setup time Address Hold time Data Setup time Data Hold time Output Enable Setup time READ Recovery time before WRITE (OE\ High to WEx\ Low) CSx\ Setup time CSx\ Hold time WRITE Pulse width WRITE Pulse Width High Programming Operation Sector Erase Operation VCC Setup time Recovery time from RY/BY\ Program/Erase Valid to RY/BY\ delay Read Operations READ Cycle time Address to Output delay CSx\ Low to Output delay OE\ Low to Output delay CSx\ Low to Output High-Z OE\ Low to Output High-Z READ OE\ Low Hold time Toggle and Data Polling Output Hold time from Addresses, CSx\ or OE\ Notes to Switching Specifications: 1. Not 100% tested Symbol JEDEC Standard tREADY tREADY tRP tRH tRPD tRB -70 Min. Max. Min. -90 Max. Min. -100 Max. Min.
AS8FLC1M32
-120 Max. Units us ns ns ns us ns
FLASH
Notes 1 1 1
All Speeds, Max. 20 All Speeds, Max. 500 All Speeds Max. 500 All Speeds Max. 50 All Speeds Max. 20 All Speeds 0
tWC tAS tAH tDS tDH tOES tGHWL tGHWL tELWL tCS tWHEH tCH tWLWH tWP tWHWL tWPH tWHWH1 tWHWH1 tWHWH2 tWHWH2 tVCS tRB tBUSY
tAVAV tAVWL tWLAX tDVWH tWHDX
70 45 35
90 All Speeds, Min. 0 45 45
100 50 50 All Speeds, Min. 0 All Speeds, Min. 0 All Speeds, Min. 0 All Speeds, Min. 0 All Speeds, Min. 0 40 All Speeds, Min. 30 All Speeds, Typ. 9 All Speeds, Typ. 0.7 All Speeds, Min. 50 All Speeds, Min. 0 All Speeds, Min. 90
120 50 50
35
35
50
ns ns ns ns ns ns ns ns ns ns ns us sec us ns ns
1
1
tAVAV tAVQV tELQV tGLQV tEHQZ tGLQZ
tRC tACC tCE tOE tDF tDF tOEH
70 70 70 30 25 25
90
tAXQX
tOH
100 90 90 35 30 30 All Speeds, Min. 0 All Speeds, Min. 10 All Speeds, Min 0
120 100 100 40 30 30 120 120 50 35 35
ns ns ns ns ns ns ns ns ns
1 1
1
AS8FLC1M32B Rev. 3.3 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
16
AUSTIN SEMICONDUCTOR, INC. Austin Semiconductor, Inc.
READ Operations
Parameter JEDEC Std tAVAV tRC tAVQV tELQV tGLQV tEHQZ tGHQZ tACC tCE tOE tDF tDF tSR/W tOEH tAXQX tOH Description Read Cycle Time1 Address to Output Delay Chip Enable to Output Delay Output Enable to Output Delay Chip Enable to Output High Z1 Output Enable to Output High Z1 Latency Between Read and Write Operations Output Enable Hold Time1 Read Toggle and Data# Polling CE# = VIL OE# = VIL OE# = VIL Test Setup Min Max Max Max Max Max Min Min Min Min 55 55 55 55 25
AS8FLC1M32
FLASH
Speed Options 60 70 90 60 60 60 25 16 16 20 0 10 0 70 70 70 30 90 90 90 35
Unit
ns
Output Hold Time From Addresses, CE# or OE#, Whichever Occurs First1
Notes: 1. Not 100% Tested
READ Operations Timing
tRC
Addresses
Addresses Stable
tACC
CE#
tDF
OE#
tSR/W tOEH
tOE
WE# HIGH Z Outputs
tCE tOH
HIGH Z Output Valid
RESET# RY/BY#
0V
AS8FLC1M32B Rev. 3.3 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
17
AUSTIN SEMICONDUCTOR, INC. Austin Semiconductor, Inc.
Word / Byte Configuration (BYTE#)
Parameter JEDEC Std tELFL / tELFH tFLQZ tFHQV Description CE# to BYTE# Switching Low or High BYTE# Switching Low to Output HIGH Z BYTE# Switching High to Output Active Max Max Min 55 55
AS8FLC1M32
FLASH
Speed Options 60 70 90 5 16 60 70 90
Unit ns
BYTE# Timings for Read Operations
CE#
OE#
BYTE#
tELFL BYTE# Switching from word to byte mode DQ0-DQ14
Data Output (DQ0-DQ14)
Data Output (DQ0-DQ7)
DQ15/A-1
DQ15 Output tFLQZ tELFH
Address Input
BYTE# BYTE# Switching from byte to word mode
DQ0-DQ14
Data Output (DQ0-DQ7) Address Input tFHQV
Data Output (DQ0-DQ14) DQ15 Output
DQ15/A-1
BYTE# Timings for Write Operations Figure 15.4 BYTE# Timings for Write Operations
CE# The falling edge of the last WE# signal WE#
BYTE#
tSET (tAS)
tHOLD (tAH)
AS8FLC1M32B Rev. 3.3 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
18
AUSTIN SEMICONDUCTOR, INC. Austin Semiconductor, Inc.
AS8FLC1M32
FLASH
Erase / Program Operations
Parameter JEDEC Std tAVAV tWC tAVWL tWLAX tDVWH tWHDX tAS tAH tDS tDH tOES tGHWL tELWL tWHEH tWLWH tWHWL tGHWL tCS tCH tWP tWPH tSR/W tWHWH1 tWHWH2 tWHWH1 tWHWH2 tVCS tRB tBUSY Description Write Cycle Time1 Address Setup Time Address Hold Time Data Setup Time Data Hold Time Output Enable Setup Time Read Recovery Time Before Write (OE# High to WE# Low) CE# Setup Time CE# Hold Time Write Pulse Width Write Pulse Width High Latency Between Read and Write Operations Programming Operation2 Sector Erase Operation2 Vcc Setup Time
1
55 55
Speed Options 60 70 90 60 0 45 70 90
Unit
35
35 0 0
35
45
Min 0 0 0 35 30 20 5 Typ Min Min Max 7 0.7 50 0 90
ns
ns s sec s ns
Byte Word
Recovery Time from RY/BY# Program / Erase Valid to RY / BY# Delay
Notes: 1. Not 100% Tested 2. See Erase and Programming Performance for more information
Program Operation Timings
Program Command Sequence (last two cycles) tWC Addresses 555h tAS PA tAH CE# tCH OE# tWP WE# tCS tDS tD Data A0h PD tBUSY RY/BY# Status DOUT tRB tWPH tWHWH1 PA PA Read Status Data (last two cycles)
VCC tVCS
Notes 1. PA = program address, PD = program data, DOUT is the true data at the program address. 2. Illustration shows device in word mode
AS8FLC1M32B Rev. 3.3 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
19
AUSTIN SEMICONDUCTOR, INC. Austin Semiconductor, Inc.
Chip / Sector Erase Operation Timings
Erase Command Sequence (last two cycles)
tWC tAS
AS8FLC1M32
FLASH
Read Status Data
Addresses
2AAh
SA 555h for chip erase
tAH
VA
VA
CE#
OE#
tWP
tCH
WE#
tCS tDS tDH tWPH tWHWH2
Data
55h
30h 10 for Chip Erase
tBUSY
In Progress
Complete
tRB
RY/BY#
tVCS
VCC
Notes: 1. SA=Sector Address (for Sector Erase), VA= Valid Address for reading status data. 2. Illustration shows device in word mode.
Back to Back Read / Write Cycle Timing
tWC tRC
Addresses
PA
tAH
RA
tACC tCE tOE
PA
tCPH
PA
CE#
tSR/W tWP tWDH tDS
tCP tGHWL tDF
OE# WE#
tDH
tOH
Data
Valid In
Valid Out
Valid In
Valid Out
AS8FLC1M32B Rev. 3.3 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
20
AUSTIN SEMICONDUCTOR, INC. Austin Semiconductor, Inc.
Data# Polling TImings (During Embedded Algorithms)
tRC Addresses VA tACC tCE CE# tCH OE# tOEH WE# tOH DQ7 Complement Complement True tDF tOE VA VA
AS8FLC1M32
FLASH
Valid Data
High Z
DQ0-DQ6 tBUS RY/BY#
Status Data
Status Data
True
Valid Data
High Z
Note VA = Valid address. Illustration shows first status cycle after command sequence, last status read cycle, and array data read cycle
Toggle Bit Timings (During Embedded Algorithms)
tRC Addresses VA tACC tCE CE# tCH OE# tOEH WE# tOH DQ6/DQ2 tBUS RY/BY# High Z Valid Status (first read) Valid Status (second read) Valid Status (stops toggling) Valid Data tDF tOE VA VA VA
Note VA = Valid address; not required for DQ6. Illustration shows first two status cycle after command sequence, last status read cycle, and array data read cycle.
AS8FLC1M32B Rev. 3.3 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
21
AUSTIN SEMICONDUCTOR, INC. Austin Semiconductor, Inc.
DQ2 vs. DQ6
Enter Embedded Erasing WE# Erase Suspend Erase Enter Erase Suspend Program Erase Suspend Program Erase Resume Erase Suspend Read
AS8FLC1M32
FLASH
Erase Suspend Read
Erase
Erase Complete
DQ6
DQ2
Note The system may use CE# or OE# to toggle DQ2 and DQ6. DQ2 toggles only when read at an address within an erase-suspended sector.
Temporary Sector Unprotect
Parameter JEDEC Std tVIDR tRSP Description VID Rise and Fall Time 1 RESET# Setup Time for Temporary Sector Unprotect All Speed Options Min Min 500 4 Unit ns s
Temporary Sector Unprotect Timing Diagram
g
12 V
p
y
p
g
g
RESET# 0 or 3 V tVIDR Program or Erase Command Sequence CE# tVIDR 0 or 3 V
WE# tRSP
RY/BY#
AS8FLC1M32B Rev. 3.3 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
22
AUSTIN SEMICONDUCTOR, INC. Austin Semiconductor, Inc.
Sector Protect / Unprotect Timing Diagram
VID
AS8FLC1M32
FLASH
VIH RESET#
SA, A6, Valid* A1, A0 Sector Protect/Unprotect Data 60h 60h Verify 40h Status Valid* Valid*
1 s
Sector Protect: 150 s Sector Unprotect: 15 ms
CE#
WE#
OE#
Note For sector protect, A6 = 0, A1 = 1, A0 = 0. For sector unprotect, A6 = 1, A1 = 1, A0 = 0.
Alternate CE# Controlled Erase/Program Operations
Parameter JEDEC Std tAVAV tWC tAVEL tELAX tDVEH tEHDX tAS tAH tDS tDH tOES tGHEL tWLEL tEHWH tELEH tEHEL tGHEL tWS tWH tCP tCPH tSR/W tWHWH1 tWHWH2 Notes: 1. Not 100% Tested 2. See Erase and Programming Performance tWHWH1 tWHWH2 Description Write Cycle Time1 Address Setup Time Address Hold Time Data Setup Time Data Hold Time Output Enable Setup Time Read Recovery Time Before Write High to WE# Low) WE# Setup Time WE# Hold Time CE# Pulse Width CE# Pulse Width High Latency Between Read and Write Operations Programming Operation2 Sector Erase Operation2 Byte Word Typ Min (OE# 35 35 0 0 0 0 0 35 30 20 8 16 1 Speed Options 55 60 70 55 60 0 45 35 45 70 90 Unit 90 ns ns ns ns ns ns ns ns ns ns ns ns s sec
AS8FLC1M32B Rev. 3.3 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
23
AUSTIN SEMICONDUCTOR, INC. Austin Semiconductor, Inc.
Mechanical Drawings
AS8FLC1M32
FLASH
b Detail A
Austin Semiconductor [Package Designator Q]
e R
B L1
D D1 D2 Detail A
E A2 A
Austin Semi Package Specifications Min Max Symbol 0.120 0.140 A 0.005 0.015 A2 0.010 REF B 0.013 0.017 b 0.800 BSC D 0.870 0.890 D1 0.980 1.000 D2 0.936 0.956 E 0.050 BSC e 0.010 TYP R 0.035 0.045 L1
Dimensions in Inches
AS8FLC1M32B Rev. 3.3 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
24
AUSTIN SEMICONDUCTOR, INC. Austin Semiconductor, Inc.
Mechanical Drawings
AS8FLC1M32
FLASH
Austin Semiconductor
[Package Designator H]
E e
E1
e L
66 x ob 4 x ob1
A A1
Austin Semi Package Specifications Min Max Symbol A 0.210 0.245 A1 0.025 0.035 A2 0.135 0.145 ob 0.016 0.020 ob1 0.045 0.055 ob2 0.065 0.075 D/E 1.170 1.200 1.000 BSC D1/E1 D2 0.600 BSC 1.150 D3 1.140 e 0.100 BSC L 0.145 0.155
Dimensions in Inches
D D1 D2
Pin 1: SQ. Pad 65 x ob2
AS8FLC1M32B Rev. 3.3 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
25
AUSTIN SEMICONDUCTOR, INC. Austin Semiconductor, Inc.
Ordering Information
Ceramic Quad Flat Pack
AS8FLC1M32
FLASH
ASI Part Number
AS8FLC1M32BQT-70/IT AS8FLC1M32BQT-90/IT AS8FLC1M32BQT-100/IT AS8FLC1M32BQT-120/IT AS8FLC1M32BQT-70/XT AS8FLC1M32BQT-90/XT AS8FLC1M32BQT-100/XT AS8FLC1M32BQT-120/XT AS8FLC1M32BQT-70/Q AS8FLC1M32BQT-90/Q AS8FLC1M32BQT-100/Q AS8FLC1M32BQT-120/Q
Configuration
1Mx32, 3.3v,Flash Boot Block 1Mx32, 3.3v,Flash Boot Block 1Mx32, 3.3v,Flash Boot Block 1Mx32, 3.3v,Flash Boot Block 1Mx32, 3.3v,Flash Boot Block 1Mx32, 3.3v,Flash Boot Block 1Mx32, 3.3v,Flash Boot Block 1Mx32, 3.3v,Flash Boot Block 1Mx32, 3.3v,Flash Boot Block 1Mx32, 3.3v,Flash Boot Block 1Mx32, 3.3v,Flash Boot Block 1Mx32, 3.3v,Flash Boot Block
Speed (ns)
70 90 100 120 70 90 100 120 70 90 100 120
Pkg.
Industrial Operating Range (-40 0C to +850C)
CQFP-68 CQFP-68 CQFP-68 CQFP-68 CQFP-68 CQFP-68 CQFP-68 CQFP-68 CQFP-68 CQFP-68 CQFP-68 CQFP-68
Extended Operating Range (-55 0C to +1250C)
MIL-PRF-38534, CLASS H
Hex Inline Package
ASI Part Number
AS8FLC1M32BP-70/IT AS8FLC1M32BP-90/IT AS8FLC1M32BP-100/IT AS8FLC1M32BP-120/IT AS8FLC1M32BP-70/XT AS8FLC1M32BP-90/XT AS8FLC1M32BP-100/XT AS8FLC1M32BP-120/XT AS8FLC1M32BP-70/Q AS8FLC1M32BP-90/Q AS8FLC1M32BP-100/Q AS8FLC1M32BP-120/Q
Configuration
1Mx32, 3.3v,Flash Boot Block 1Mx32, 3.3v,Flash Boot Block 1Mx32, 3.3v,Flash Boot Block 1Mx32, 3.3v,Flash Boot Block 1Mx32, 3.3v,Flash Boot Block 1Mx32, 3.3v,Flash Boot Block 1Mx32, 3.3v,Flash Boot Block 1Mx32, 3.3v,Flash Boot Block 1Mx32, 3.3v,Flash Boot Block 1Mx32, 3.3v,Flash Boot Block 1Mx32, 3.3v,Flash Boot Block 1Mx32, 3.3v,Flash Boot Block
Speed (ns)
70 90 100 120 70 90 100 120 70 90 100 120
Pkg.
Industrial Operating Range (-40 0C to +850C)
HIP-66 HIP-66 HIP-66 HIP-66 HIP-66 HIP-66 HIP-66 HIP-66 HIP-66 HIP-66 HIP-66 HIP-66
Extended Operating Range (-55 0C to +1250C)
MIL-PRF-38534, CLASS H
AS8FLC1M32B Rev. 3.3 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
26
AUSTIN SEMICONDUCTOR, INC. Austin Semiconductor, Inc.
DOCUMENT TITLE 32Mb, 1M x 32, 3.0Volt Boot Block FLASH Array REVISION HISTORY Rev # 3.2 History Updated Package Information Release Date May 2008
AS8FLC1M32
FLASH
Status
AS8FLC1M32B Rev. 3.3 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
27


▲Up To Search▲   

 
Price & Availability of AS8FLC1M32BQT-90IT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X